document.write("

AM25LS2520F Manufacturer
Search Partnumber : Match&Start with "AM25LS2520F" Total : 113 ( 1/6 Page)
ManufacturerPart #Datasheet
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
Aimtec
AM200QB-4805SH22-NZ-192DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 5; Output voltage max: 5; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 40; Efficiency (%): 88; Max Capacitive load compliant
unknown
active
AM200QB-4812SH22-NZ-192DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 12; Output voltage max: 12; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 16.7; Efficiency (%): 91; Max Capacitive lcompliant
unknown
active
AM200QB-4812SH22-NZ-M-192DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 12; Output voltage max: 12; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 16.7; Efficiency (%): 91; Max Capacitive lcompliant
unknown
active
AM200QB-4815SH22-NZ-192DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 15; Output voltage max: 15; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 13.3; Efficiency (%): 89; Max Capacitive lcompliant
unknown
active
AM200QB-4824SH22-NZ-192DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 24; Output voltage max: 24; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 8.4; Efficiency (%): 91; Max Capacitive locompliant
unknown
active
AM200QB-4824SH22-NZ-M-192DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 24; Output voltage max: 24; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 8.4; Efficiency (%): 91; Max Capacitive locompliant
unknown
active
AM200QB-4848SH22-NZ-192DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 48; Output voltage max: 48; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 4.2; Efficiency (%): 91; Max Capacitive locompliant
unknown
active
AM200QB-4848SH22-NZ-M-192DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 48; Output voltage max: 48; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 4.2; Efficiency (%): 91; Max Capacitive locompliant
unknown
active
AM20E-2402SCZDC-DC Converter, 20Watt, Input VDC: 18~36, Output VDC: 2.5, Max Output Current(A): 5, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recovercompliant
yes
active
AM20E-2403SCZDC-DC Converter, 20Watt, Input VDC: 18~36, Output VDC: 3.3, MaxOutput Current(A): 4.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recovcompliant
yes
active
AM20E-2405SCZDC-DC Converter, 20Watt, Input VDC: 18~36, Output VDC: 5, Max Output Current(A): 4, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recovery,compliant
yes
active
AM20E-4802SCZDC-DC Converter, 20Watt, Input VDC: 36~75, Output VDC: 2.5, Max Output Current(A): 5, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recovercompliant
yes
active
AM20E-4803SCZDC-DC Converter, 20Watt, Input VDC: 36~75, Output VDC: 3.3, MaxOutput Current(A): 4.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recovcompliant
yes
active
AM20E-4805SCZDC-DC Converter, 20Watt, Input VDC: 36~75, Output VDC: 5, Max Output Current(A): 4, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recovery,compliant
yes
active
AM20U-1203SCZDC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 3.3, MaxOutput Current(A): 4, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Recovery, Singcompliant
yes
active
AM20U-1205DCZDC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 5 /-5, Max Output Current(A): ??2, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Recoverycompliant
yes
active
AM20U-1205SCZDC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 5, Max Output Current(A): 4, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Recovery, Singlcompliant
yes
active
AM20U-1212DCZDC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 12/-12, Max Output Current(A): ??0.83, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Recovcompliant
yes
active
AM20U-1212SCZDC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 12, Max Output Current(A): 1.67, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Recovery, Scompliant
yes
active
AM20U-1215DCZDC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 15/-15, Max Output Current(A): ??0.66, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Recocompliant
yes
active

1 2 3 4 5 6

");